PART |
Description |
Maker |
QTH-060-01-L-D-A-K QTH-090-04-L-D-A-K |
HIGH SPEED GROUND PLANE HEADER
|
Samtec, Inc
|
QSH-030-01-L-D-A-K QSH-040-01-L-D-DP-A |
HIGH SPEED GROUND PLANE SOCKET
|
Samtec, Inc
|
QMS-026-09.75-SL-D-A |
RUGGED GROUND PLANE HEADER
|
Samtec, Inc
|
74191-0002 74191-0003 74191-0004 74191-0005 74191- |
High Speed Edgecard Connector in Ground Signal Format for High Performance Applications
|
Molex Electronics Ltd.
|
BU7495HFV-TR BU7495SHFV BU7495SHFV-TR |
High Speed Ground Sense Operational Amplifier
|
ROHM
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ACT-F1288N ACT-F1288N-150P7T ACT-F1288N-150P7Q ACT |
High speed 1 Megabit monolithic FLASH. Speed 150ns. High speed 1 Megabit monolithic FLASH. Speed 90ns. High speed 1 Megabit monolithic FLASH. Speed 70ns. ACT-F128K8 High Speed 1 Megabit Monolithic FLASH High speed 1 Megabit monolithic FLASH. Speed 60ns. High speed 1 Megabit monolithic FLASH. Speed 120ns.
|
AEROFLEX[Aeroflex Circuit Technology]
|
67491-0022 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, with 2.05mm (.081") PC TailLeng 1.27mm (.050) Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with 2.05mm (.081) PC TailLength, Black Housing, Lead-free
|
Molex Electronics Ltd.
|
67800-8102 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76渭m (30渭") Gold (Au) Plating, for 1.60mm (.063") PC 1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76μm (30μ) Gold (Au) Plating, for 1.60mm (.063) PCB
|
Molex Electronics Ltd.
|
678008082 0678008082 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch
|
Molex Electronics Ltd.
|